PART |
Description |
Maker |
IRFB4115GPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFB4410ZGPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFB4310ZGPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRF8915 |
HEXFETPower MOSFET
|
http:// IRF[International Rectifier]
|
IRF7452QPBF10 |
HEXFETPower MOSFET
|
International Rectifier
|
IRFH5020TR2PBF IRFH5020TRPBF IRFH5053PBF IRFH5053T |
HEXFETPower MOSFET 3 Phase Boost Converter Applications 9.3 A, 100 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IR710PBF INTERNATIONALRECTIFIER-IR710PBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
|
IRFZ44ESPBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
International Rectifier, Corp.
|
IRLML2030TRPBF |
HEXFETpower MOSFET Compatible with existing Surface Mount Techniques Easier manufacturing
|
TY Semiconductor Co., Ltd
|
BR211-280 BR211 BR211-140 BR211-160 BR211-180 BR21 |
Breakover diodes 314 V, SYMMETRICAL BOD MOSFET N-CH 500V 3A TO-220 MOSFET N-CH 600V 2A TO-220 MOSFET N-CH 1.2KV 3A TO-220AB MOSFET N-CH 500V 1A TO-220
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|