PART |
Description |
Maker |
ZA-1193-3C |
Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES
|
JMK Inc.
|
HH-1590-12 |
Operating voltage = 100 Vdc Operating current = 12.0 Amp
|
JMK Inc.
|
HH-1134-8 |
Operating Voltage = 63 Vdc Operating Current = 8 Amps
|
JMK Inc.
|
MM-0637A-40C MM-0637A-50C MM-0637A-60C |
Operating Voltage = 48 Vdc Operating Current = 40,50,60 Amperes
|
JMK Inc. http://
|
MF-0637A-60BR |
Operating Voltage = 48 Vdc Operating Current = 60 Amperes
|
JMK Inc.
|
BY255 BY251 BY252 BY253 BY254 |
RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; 2:1 Wide GENERAL PURPOSE PLASTIC RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|
CBT3306D-T CBT3306GM |
Dual bus switch - # of Bits per Enable: 1 ; Description: Bus Switch ; Number of bits: 2 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT/FST/QS/5C/B SERIES, DUAL 1-BIT DRIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
CBT3384DK-T |
10-bit bus switch with 5-bit output enables - # of Bits per Enable: 5 ; Description: Bus Switch ; Number of bits: 10 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT/FST/QS/5C/B SERIES, DUAL 5-BIT DRIVER, TRUE OUTPUT, PDSO24
|
NXP Semiconductors N.V.
|
BSS38 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts NPN SILICON TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
BDX42 BDX43 BDX44 |
RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; Power: 2W; 2W Single and Dual Outputs NPN Darlington transistors
|
功率晶体 Philips Semiconductors
|
BSS63 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 10 Watts EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
KEC Holdings KEC(Korea Electronics)
|
CX-49F CX-49 CX-49F-8.000MHZ-CL CX-49F-10.000MHZ-C |
It is a 4.5mm high/ compact/ crystal unit for surface mounting. From old datasheet system For ECU. AC-DC Converter, 30 Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 2.5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp QUARTZ CRYSTAL RESONATOR, 10 MHz
|
Kyocera Kinseki Corporation KSS[Kyocera Kinseki Corpotation]
|