PART |
Description |
Maker |
FEC15-12S33 FEC15-12D15 FEC15-12S05 FEC15-12D12 FE |
SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
|
Volgen Kaga Electronics Inc.
|
FDC40-12D05 FDC40-12D12 FDC40-12D15 FDC40-12D3305 |
SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
|
Volgen Kaga Electronics Inc.
|
MT10-1212S MT10-1205S MT10-1212W MT10-2403S MT10-4 |
10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
|
Volgen Kaga Electronics Inc.
|
MT3-1215WI MT3-2015WI MT3-2003SI MT3-1212SI MT3-12 |
3 WATT DC/DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
|
Volgen Kaga Electronics Inc.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
ISL6405ERZ-T ISL6405 ISL6405EEB ISL6405EEB-T ISL64 |
Regulator, Current Mode Boost PWM, Dual Output LNB Supply, with I2C Interface, Selectable output 13V or 18V @750mA Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
|
INTERSIL[Intersil Corporation]
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
TA8044AF |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 3.3 / 5V的双电压调节器,带有看门狗定时器 3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|