PART |
Description |
Maker |
ECLSOIC8EVB NB6L16D MC100EL01D MC100EL04D MC100EL0 |
3.3V / 5V ECL JK Flip Flop 5V ECL 2-Input XOR/XNOR 5V ECL Divide by 2 Divider Evaluation Board Manual for High Frequency SOIC 8
|
ONSEMI[ON Semiconductor]
|
MC10EL07DTR2G |
5.0 V ECL 2-Input XOR/XNOR 10EL SERIES, 2-INPUT XOR/XNOR GATE, PDSO8
|
Rectron Semiconductor
|
MC10EL0706 MC100EL07DR2G MC10EL07DR2G MC10EL07MNR4 |
5.0 V ECL 2-Input XOR/XNOR
|
ONSEMI[ON Semiconductor]
|
MC100E107FN MC100E107FNG MC100E107FNR2 MC100E107FN |
5V ECL Quint 2-Input XOR/XNOR Gate
|
ONSEMI[ON Semiconductor]
|
P6SMBJ8.0 P6SMBJ8.0A P6SMBJ8.0C P6SMBJ6.0 P6SMBJ6. |
3.3V ECL 4-Input OR/NOR; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL Quint 2-Input XOR/XNOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 Quad 4-Input OR/NOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5V ECL 2-Input Differential AND/NAND; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL 2-Input XOR/XNOR; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 3.3V ECL Differential Clock D Flip-Flop; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 NECL OUTPUT TRANSLATOR; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL ÷2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL Divide by 2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL Divide by 2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 3.3V ECL 1:5 Clock Distribution Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V / 5V ECL Dual Differential 2:1 Multiplexer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V ECL Triple D-Type Flip-Flop with Set and Reset; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V Dual Differential LVPECL to LVTTL Translator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 表面贴装瞬态电压抑制器 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 ECL/TTL Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 表面贴装瞬态电压抑制器 BBG ECL COUNTER 6BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 表面贴装瞬态电压抑制器 2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tray; Qty per Container: 250 2.5V / 3.3V ECL ÷2, ÷4, ÷8 Clock Generation Chip; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// TRSYS Transys Electronics Ltd. Transys Electronics, Ltd.
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
MC100LVE222 MC100LVE222FAR2 ON0511 MC100LVE222FA |
0.345A, 2.7-5.5V Quad (2In/ 4Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 16-SOIC 0 to 85 Low Voltage 1:15 Differential ±1±2 ECL/PECL Clock Driver From old datasheet system MARKING DIAGRAM Low Voltage 1:15 Differential 12 ECL/PECL Clock Driver Low Voltage 1:15 Differential ÷1÷2 ECL/PECL Clock Driver
|
ONSEMI[ON Semiconductor]
|
AZ100LVEL33NG AZ10/100LVEL33L |
ECL/PECL ±4 Divider ECL / PECL的4分频
|
Arizona Microtek, Inc.
|
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
SY100EP15VK4ITR SY100EP15V SY100EP15VK4C SY100EP15 |
3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
|
MICREL[Micrel Semiconductor]
|