PART |
Description |
Maker |
FUA FUP FUL |
Caps to Holder FUL, FUP, FUA Caps to Holder FUL, FUP, FUA
|
Schurter Inc.
|
ADN2855 |
Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock And Data Recovery IC
|
Analog Devices
|
ADN2855 |
Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
|
Analog Devices
|
ADM485E ADM1487E ADM487E |
5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (2.5 Mbps) 5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (2.5 Mbps, ? Load) 5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (250 kbps, ? Load)
|
Analog Devices
|
IRS2007SPBF |
200-V Half-Bridge Driver
|
Infineon Technologies A...
|
S2R72V27 |
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
|
Epson Company
|
OTS-1HDR1ERT-B3_B2-FC-IC OTS-1HDR1ERT-B3_B2-LC-IC |
Optiva Standard, 1 HD-SDI 270/1485 Mbps w/Loopback and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|
CN8398EVM CN8380 CN8380EPF |
integrated quad line interface unit unit for both 1.544 Mbps (T1) and 2.048 Mbps (E1) applications
|
Conexant Systems, Inc
|
LT-54B33B-P-AG LT-54B33B-PG LT-54B353B-PG |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
|
Optoway Technology Inc
|