PART |
Description |
Maker |
ADG786 ADG788BCP ADG786BCP ADG788 |
CMOS, 2.5 Ohms Low Voltage Quad SPDT Switch CMOS, 2.5 Ohms Low Voltage Triple SPDT Switch 2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages 2.5ohm/ 1.8V to 5.5V/ -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
|
AD[Analog Devices]
|
ADG711 ADG711BR ADG711BRU ADG713 ADG713BR ADG713BR |
CMOS Low Voltage 4 ohm Quad SPST Switches ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS Low Voltage 2.5 ohms Quad SPST Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
RF1K49224 FN4330 |
3.5A/2.5A, 30V, 0.060/0.150 Ohms, Complementary LittleFETPower MOSFET 3.5A/2.5A, 30V, 0.060/0.150 Ohms, Complementary LittleFET⑩ Power MOSFET From old datasheet system 3.5A/2.5A, 30V, 0.060/0.150 Ohms, Complementary LittleFET Power MOSFET 3.5A/2.5A/ 30V/ 0.060/0.150 Ohms/ Complementary LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
MSAFZ15N40A MSAFX14N100A FSE1850 FSE1350 FSE1540 F |
N Channel MOSFET; Package: CoolPack1; trr (nsec): 120; t(on) (nsec): 180; ID (A): 15; RDS(on) (Ohms): 0.3; PD (W): 300; BVDSS (V): 400; Rq: 0.4; VSD (V): 1.5 SMALL SIGNAL, FET N Channel MOSFET; Package: CoolPack1; trr (nsec): 850; t(on) (nsec): 60; ID (A): 14; RDS(on) (Ohms): 0.82; PD (W): 310; BVDSS (V): 1000; Rq: 0.25; VGS(th) (V): 4; VSD (V): 1.5 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-258; trr (nsec): 1200; t(on) (nsec): 35; ID (A): 18; RDS(on) (Ohms): 0.28; PD (W): 150; BVDSS (V): 500; Rq: 0.9; VSD (V): 1.8 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-258; trr (nsec): 1200; t(on) (nsec): 27; ID (A): 13; RDS(on) (Ohms): 0.4; PD (W): 125; BVDSS (V): 500; Rq: 1; VSD (V): 1.4 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-258; trr (nsec): 1000; t(on) (nsec): 35; ID (A): 15; RDS(on) (Ohms): 0.3; PD (W): 125; BVDSS (V): 400; Rq: 1; VSD (V): 1.6 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-258; trr (nsec): 1000; t(on) (nsec): 33; ID (A): 20; RDS(on) (Ohms): 0.21; PD (W): 150; BVDSS (V): 400; Rq: 0.9; VSD (V): 1.8 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-257; trr (nsec): 660; t(on) (nsec): 17; ID (A): 5; RDS(on) (Ohms): 1; PD (W): 50; BVDSS (V): 400; Rq: 2; VSD (V): 1.6 5 A, 400 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
IDTQS3R861Q IDTQS3R861SO IDTQS3R861QG IDTQS3R861 Q |
10-Bit, 2.5 ohms Resistance Bus Switch QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH FLOW-THROUGH PINOUT
|
IDT[Integrated Device Technology]
|
ADG738BRU ADG739BRU ADG738 ADG739 |
CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches 8-CHANNEL, AUDIO/VIDEO SWITCH, PDSO16 2.5 ohms, Low-Voltage, 3-Wire Serially-Controlled, Dual 4 Channel Matr CMOS, Low Voltage, Single 8 to 1 Multiplexer, Serially Controlled Matrix Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG706 ADG707BRUZ |
CMOS, 2.5 O Low Voltage Differential 8 Channel Multiplexer 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO28 CMOS, 2.5 Ohm Low Voltage 16 Channel Multiplexer CMOS, 2.5 ohms Low Voltage Differential 8 Channel Multiplexer
|
Analog Devices
|
115-007-18 |
50 Ohms nominal
|
JFW Industries, Inc.
|
115-006-18 |
50 Ohms nominal
|
JFW Industries, Inc.
|
BLSSR-1 |
3.0 Ampere, 1000M Ohms Min
|
Major League Electronics
|
73328-0030 |
50 Ohms, SSMB Right-Angle Jack
|
Molex Electronics Ltd.
|
|