PART |
Description |
Maker |
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
5962-9063201M3A 5962-9063201MLA 5962-9317901MLA AD |
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC28 CMOS, Complete 12-bit, 100kHz, Sampling ADC with ±10V Input Signal Range Complete 12-Bit, 100 kHz, Sampling ADC (AD7870/AD7870A)
|
Analog Devices, Inc.
|
MAX1209 MAX1209ETL |
80 Msps, 12-bit, 3.3 V IF-sampling ADC From old datasheet system 12-Bit, 80Msps, 3.3V IF-Sampling ADC
|
MAXIM - Dallas Semiconductor
|
LTC1415C LTC1415I LTC1415ISW LTC1415CG |
12-Bit/ 1.25Msps/ 55mW Sampling A/D Converter 12-Bit, 1.25Msps, 55mW Sampling A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7813YR-REEL AD7813YR-REEL7 AD7813YRU-REEL AD7813 |
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PI49FCT2805BTH PI49FCT806BTH PI49FCT2805ATS PI49FC |
12-Bit, 3Msps, Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Five Distributed-Output Clock Driver 12-Bit, 1.25Msps, Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 14-Bit, 2.2 Msps,Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C Fast CMOS Buffer/Clock Driver
|
Pericom Technology Pericom Semiconductor C...
|
ADS-933 ADS-933MC ADS-933MM ADS-B933 |
16-Bit, 3MHz, sampling A/D converter 16-Bit, 3MHz Sampling A/D Converters 16-Bit 3MHz Sampling A/D Converters
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Datel Murata Power Solutions Inc.
|
MAX1304ECM_V MAX1308ECM_V MAX1309ECM_V MAX130409 M |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 隆戮10V, 隆戮5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 卤10V, 卤5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products Maxim Integrated Produc...
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
HI5812 HI5812JIB HI5812JIJ HI5812JIP HI5812KIB HI5 |
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 CMOS 20 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|