PART |
Description |
Maker |
74AUP2G80GD125 74AUP2G80GM125 |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT996-2 (XSON8U); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8 Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT902-1 (XQFN8U); Container: Reel Pack, Reverse, Reverse
|
NXP Semiconductors N.V.
|
74AUP2G79GT 74AUP2G79GM |
Low-power dual D-type flip-flop; positive-edge trigger
|
NXP Semiconductors
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HD74LS107A HD74LS107AFP HD74LS107AP HD74LS107ARP |
Dual J-K Flip-Flops with Clear Dual J-K Negative-edge-triggered Flip-Flops(with Clear) FLIP-FLOP|DUAL|J/K TYPE|LS-TTL|SOP|14PIN|PLASTIC FLIP-FLOP|DUAL|J/K TYPE|LS-TTL|DIP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74HCT107D-T 74HC107D-T |
J-K-Type Flip-Flop JK -型触发器 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NXP Semiconductors N.V.
|
MC10H131FNG MC10H131FN MC10H13106 MC10H135FNG MC10 |
Dual D Type Master?Slave Flip?Flop Dual D Type Master−Slave Flip−Flop Dual J?K Master?Slave Flip?Flop Universal Hexadecimal Counter Four?Bit Universal Shift Register Quad 2?Input Multiplexer (Non?Inverting) 12?Bit Parity Generator?Checker Binary to 1?8 Decoder (Low) Binary to 1?8 Decoder (High) 8?Line Multiplexer 8?Input Priority Encoder 5?Bit Magnitude Comparator Dual Binary to 1?4?Decoder (High)
|
ONSEMI[ON Semiconductor]
|
TC74VCX74FT07 TC74VCX74FK TC74VCX74FT |
Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
74ALS74A 74ALS74AD 74ALS74ADB 74ALS74AN 74ALS74 |
Dual D-type flip-flop with set and reset ALS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74FR1074 74FR1074SCX |
FR/FASTR SERIES, DUAL NEGATIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 0.150 INCH, MS-012, SOIC-14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp.
|
TC74LCX74FT TC74LCX74FN TC74LCX74F E005016 |
LOW VOLTAGE DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS From old datasheet system
|
Toshiba
|