PART |
Description |
Maker |
677-501-22-R 677-521-22-Y 677-930-21-B 677-930-23- |
LED 7MM IP67 ROT 1500 MCD 660NM 24V LED 7MM IP67 GELB2500 MCD 590NM 24V LED 7MM IP67 BLAU 1000 MCD 450NM 12V Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer LED 7MM IP67 GRUEN 2000 MCD 525NM 12V LED 7MM IP67 ROT 1500 MCD 660NM 28V LED 7MM IP67 GELB2500 MCD 590NM 28V LED 7MM IP67 GELB 2500 MCD 590NM 12V LED 7MM IP67 GRUEN2000 MCD 525NM 28V LED 7MM IP67 ROT 1500 MCD 660NM 12V Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 发光二极mm的等级IP67 WEISS1000麦当8V
|
Amphenol, Corp.
|
19411235 19411237 19411232 19411230 1941123W 19411 |
LED Indicator 16mm Standard Bezel with Flat Lens
|
Chicago Miniature Lamp,inc
|
19371350 19371351 19371352 19371357 |
LED Indicator 16mm Standard Bezel with Round Lens
|
Chicago Miniature Lamp,inc
|
1942X130M 1942X137M 1942X132M 1942X13WM 1942X135M |
LED Indicator 16mm Standard Bezel with Conical Lens LED指示6毫米标准仪表前盖的锥形透镜
|
Chicago Miniature Lighting, LLC Chicago Miniature Lamp,inc
|
SSB-COB6716GW-A |
67mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
|
Electronic Theatre Controls, Inc.
|
SSB-COB6716GW |
67mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
|
Electronic Theatre Controls, Inc.
|
OSPRO2X3-I3CAS1C1A OSPRO2X3-I5LAS1C1A OSPRO2X3-XXX |
12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm 12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
|
OptoSupply International
|
SSB-COB3816GW |
38mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green, 14 chips, 4.2v
|
Electronic Theatre Controls, Inc.
|
1511B25W3D |
LED WEDG BASE T3-1/4 12V WHT DIF T-3 1/4 SINGLE COLOR LED, WHITE, 9 mm
|
CML Innovative Technologies
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
MAX662A |
12V, 30mA Flash Memory Programming Supply(12V,30mA快擦写存储器编程电源,电荷泵电压转换器) 12V30mA闪存存储器编程电
|
Maxim Integrated Products, Inc.
|