PART |
Description |
Maker |
FA-1307-5 |
Operating Voltage= 115/240 Vac Operating Current Max= 5.0 amp
|
JMK Inc.
|
FF-1319-13 |
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
|
JMK Inc.
|
FF-1199-6B |
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
|
JMK Inc.
|
MM-0637A-50D |
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
|
http://
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
MM-0787-60B |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
MM-0787-80B |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
CS493253 CS493254 CS493302 CS493263 CS493263-DL CS |
Multi-Standard Audio Decoder Family Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:Yes; MIPS:72; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes SPECIALTY CONSUMER CIRCUIT, PQCC44 Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:Yes; MIPS:86; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes SPECIALTY CONSUMER CIRCUIT, PQCC44 Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:No; MIPS:86; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:3.3V RoHS Compliant: Yes Multi-Standard Audio Decoder Family
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
CS48520-CQZ CS48560-CQZ CS48560-DQZ |
Audio DSP IC; Series:CS48500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:2.5V RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48
|
Cirrus Logic, Inc.
|