PART |
Description |
Maker |
IRG4BC15UD-L IRG4BC15UD-S |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.02V,@和VGE \u003d 15V的,集成电路\u003d 7.8A 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGB6B60K IRGS6B60K IRGSL6B60K |
600V UltraFast 10-30 kHz IGBT in a TO-220AB package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC10K IRG4BC10KPBF |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package Short Circuit Rated UltraFast IGBT
|
International Rectifier
|
AUIRGS30B60KTRL AUIRGSL30B60K |
600V Automotive UltraFast 10-30 kHz IGBT in a D2-Pak package 600V Automotive UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4PC40U IRG4PC40U-EPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package 40 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
|
Vishay Intertechnology, Inc. International Rectifier
|
IRG4IBC30KD |
600V UltraFast 8-25 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4PC40K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
|
IRF[International Rectifier]
|
IRG4PC30K IRG4PC30KPBF |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4BC30K-S IRG4BC30KS IRG4BC30K-STRR |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRGS15B60K |
600V UltraFast 10-30 kHz IGBT in a D2-Pak package
|
International Rectifier
|
GA200NS61U |
600V UltraFast 10-30 kHz Hs Chop S IGBT in a INT-A-Pak package High Side Switch Chopper Module Ultra-Fast Speed IGBT
|
IRF[International Rectifier]
|