PART |
Description |
Maker |
MC74HC273AN MC74HC273ADTR2 MC74HC273ADT MC74HC273 |
Octal D-Type Flip-Flop OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
ON Semiconductor ONSEMI
|
74ACT374TTR 74ACT374M 74ACT374MTR 74ACT37401 74ACT |
OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT NON INVERTING OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74ABT273A 74ABT273AD 74ABT273ADB 74ABT273AN 74ABT2 |
Octal D-type flip-flop D FLIP-FLOP, PDSO20 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DM74ALS564A DM74ALS564AWM DM74ALS564AN |
Octal D-Type Edge Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flop with From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74ABT377 74ABT377CMSA 74ABT377CMTC 74ABT377CSC 74A |
From old datasheet system Octal D-Type Flip-Flop with Clock Enable Audio Click-Pop Suppressor ABT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MM74HCT574 MM74HCT573 MM74HCT573MTC MM74HCT573N MM |
Octal D-Type Latch • 3-STATE Octal D-Type Flip-Flop Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVT374 74LVT374D 74LVT374DB 74LVT374PW 74LVT374P |
3.3V Octal D-type flip-flop; positive-edge trigger (3-State)(3.3V ??瑙?????涓??娌胯Е???涓??锛? 3.3V Octal D-type flip-flop; positive-edge trigger 3-State From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVC374ABQ |
Octal D-type flip-flop with 5 V tolerant inputs-outputs; positive edge-trigger; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC374A; Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
|
NXP Semiconductors N.V. Philips
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
74VHCT74A 74VHCT74AM 74VHCT74ASJ 74VHCT74 74VHCT74 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D-Type Flip-Flop with Preset and Clear AHCT/VHCT/VT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|