PART |
Description |
Maker |
IC42S16160 |
4M x 16Bit x 4 Banks (256-MBIT) SDRAM 4米16 × 4银行56兆)内存
|
Integrated Silicon Solution, Inc.
|
IC42S16400 IC42S16400-7TI IC42S16400-7TIG IC42S164 |
DYNAMIC RAM 1M x 16Bit x 4 Banks (64-MBIT) SDRAM
|
ICSI[Integrated Circuit Solution Inc]
|
IC43R16160-7T |
4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
|
Integrated Circuit Solu...
|
IC43R16160-7TG IC43R16160-6TG |
4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM 4米16位4个银行(256兆)DDR SDRAM内存
|
Panasonic, Corp.
|
HY57V641620HGT-6I HY57V641620HGT-7I HY57V641620HGT |
SDRAM - 64Mb 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 6 ns, PDSO54 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 5 ns, PDSO54 x16 SDRAM x16内存 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 4.5 ns, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN Ceramic Multilayer Capacitor; Capacitance:10000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0805; Series:MLCC; Dielectric Material:Ceramic; Leaded Process Compatible:Yes CAP SMD 0805 .01UF 50V 5% CONNECTOR ACCESSORY From old datasheet system
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
SST31LF043A-70-4C-WI SST31LF041-300-4E-WH SST31LF0 |
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位的SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PDSO32 XTAL MTL SMT HC49/USM 4 Mbit闪存1兆位56千位的SRAM ComboMemory XTAL CER SMT 7X5 2PAD 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 DIODE SWITCH 75V 350MW SOT-23 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
M58LR128GU |
The M58LR128GU/L and M58LR256GU/L are 128 Mbit (8 Mbit x16) and 256 Mbit (16 Mbit
|
ST Microelectronics, Inc.
|
W982516AH-75 W982516AH75L W982516AH-7 W982516AH-8H |
4M x 4 BANKS x 16BIT SDRAM
|
WINBOND[Winbond]
|
K4M51163PC-X |
8M x 16Bit x 4 Banks Mobile SDRAM
|
Samsung semiconductor
|
HY57V561620CLT HY57V561620CT |
4 Banks x 4M x 16Bit Synchronous DRAM
|
Hynix Semiconductor
|
TTS3816B4E-7 TTS3816B4E TTS3816B4E-6 TTS3816B4E-6A |
2M x 16Bit x 4 Banks synchronous DRAM
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|