PART |
Description |
Maker |
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
TC642BEPA713 TC647BEPA713 TC642BEPATR TC647BEOA713 |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense Technology for Fault Detection
|
Microchip Technology
|
TC642B TC646B TC649B TC648B TC647B |
The TC642B is a new version of the existing TC642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
|
Microchip
|
TC642 TC642DEMO TC642EV TC642COA TC642VOA TC642VUA |
The TC642 is a switch mode fan speed controller for use with brushless DC motors. Temperature proportional speed control is accomplished using pulse width modulation. A thermistor (or other voltage output temperature sensor) connected to t PWM Fan Speed Controller with FanSense Technology PWM Fan Speed Controller with FanSense⑩ Technology
|
MICROCHIP[Microchip Technology]
|
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
ECG2364 ECG2370 ECG2365 |
FAN AC 80X25 115/220V BALL, 18cfm FAN AC 80X25 220V BALL, 25cfm FAN AC 80X25 115/220V BALL, 13cfm 晶体管|晶体管|叩| 800V的五(巴西)总裁| 12A条一(c)|47VAR
|
EPCOS AG
|
5191 5190 |
L-band Fan-In/Fan-Out
|
Dow-Key Microwave Corpo...
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
UPL1E331MPH UPL1E471MPH UPL1V821MHH6 UPL1A222MHH U |
Intel® Celeron® Processor 566 MHz, 128K Cache, 66 MHz FSB, FCPGA, Tray Intel® Celeron® Processor 850 MHz, 128K Cache, 100 MHz FSB, FCPGA, Tray CAPACITOR 820UF 35V CAPACITOR 2200UF 10V 10V的电200UF Intel® Celeron® Processor 566 MHz, 128K Cache, 66 MHz FSB, FCPGA, Tray 25V的电30UF CAPACITOR 1000UF 16V CAPACITOR 1000UF 25V
|
US Relays and Technology, Inc. Intel, Corp.
|
87914-2815 0879142815 |
2.54mm (.100) Pitch C-Grid? Header, Through Hole, Dual Row, Vertical, 28 Circuits, 0.75μm (30μ) Gold (Au) Plating, Tray Packaging, Lead-free 2.54mm (.100) Pitch C-Grid庐 Header, Through Hole, Dual Row, Vertical, 28 Circuits, 0.75渭m (30渭) Gold (Au) Plating, Tray Packaging, Lead-free 2.54mm (.100) Pitch C-Grid垄莽 Header, Through Hole, Dual Row, Vertical, 28 Circuits, 0.75楼矛m (30楼矛) Gold (Au) Plating, Tray Packaging, Lead-free
|
Molex Electronics Ltd.
|
LTC1695CS5 LTC1695 1695F |
From old datasheet system SMBus/I 2 C Fan Speed Controller SMBus/I2C Fan Speed Controller in SOT-23
|
Linear Technology
|
|