PART |
Description |
Maker |
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
A7801 A7801E6R |
DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
|
AIT Components Ltd.
|
LTC3200EMS8 LTC3200ES6-5 LTC3200-5 LTC3200 |
Low Noise, Regulated Charge Pump DC/DC Converters
|
LINER[Linear Technology]
|
LTC3204-3.3 LTC3204-5 |
Low Noise Regulated Charge Pump in 2 2 DFN Low Noise Regulated Charge Pump in 2 X 2 DFN
|
Linear Technology Corporation
|
MCP1252-ADJI/MS |
Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵
|
Microchip Technology Inc. Microchip Technology, Inc.
|
AAT3111IJS-3.3-T1 AAT3111IJS-3.6-T1 AAT3111IGU-3.3 |
MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc.
|
LTC3200 |
Low Noise, Regulated Charge Pump DC/DC Converters(可调输出,低噪声,稳压型,电荷泵DC/DC变换器(8-脚MSOP封装 低噪声,稳压电荷泵DC / DC转换器(可调输出,低噪声,稳压型,电荷泵型DC / DC变换器(8 -脚型MSOP封装))
|
Linear Technology, Corp.
|
LTC1550LCGN LTC1550LCMS8-2 LTC1550LCMS8-2.5 LTC155 |
Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise, Switched Capacitor Regulated Voltage Inverters SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise/ Switched Capacitor Regulated Voltage Inverters
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX840 MAX843 MAX844 |
Low-Noise, Regulated, -2V GaAsFET Bias(低噪,已调整的,-2V砷化镓场效应管偏置电
|
Maxim Integrated Products, Inc.
|
SC604A |
Low Noise - High Efficiency Regulated White LED Driver
|
Semtech
|