PART |
Description |
Maker |
BTA208S-800B11 |
3Q Hi-Com Triac Triggering in three quadrants only 3Q Hi-com Triac BTA208S-800B<SOT428 (SOT428)|<<http://www.nxp.com/packages/SOT428.html<1<week 1, 2005,;
|
NXP Semiconductors N.V.
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
CQ220-10B CQ220-10D CQ220-10M CQ220-10N |
10 AMP TRIAC 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 400 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 800 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp.
|
Q6004L4V Q6008L5V Q6015L5V Q6004L3V Q6010L5V Q5008 |
TRIAC|600V V(DRM)|4A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|15A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|10A I(T)RMS|TO-220AB TRIAC|500V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 500V五(DRM)的| 8A条口(T)的有效值| TO - 220AB现有 TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 800V的五(DRM)的| 8A条口T)的有效值| TO - 220AB现有 TRIAC|400V V(DRM)|4A I(T)RMS|TO-220AB 可控硅| 400V五(DRM)的| 4A条口(T)的有效值| TO - 220AB现有
|
Teridian Semiconductor, Corp. Littelfuse, Inc.
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
2N6071A 2N6075B 2N6071 2N6071B 2N6073 2N6073A 2N60 |
SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CQ220I-6BS CQ220I-6MS CQ220I-6NS CQ220I-6DS |
ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|