PART |
Description |
Maker |
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
SC2982CSK-1.8TR SC2982CSK-5.0TR SC2982CSK-4.0TR SC |
5.0V 50mA ultra low dropout, low noise micropower linear regulator 4.0V 50mA ultra low dropout, low noise micropower linear regulator 50mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator 50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 50mA的超低压差,低噪声微功率线性稳压器
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT3028EDHCTRPBF |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
|
Linear Technology
|
MAX2406 MAX2406EEP 1801 |
Low-Cost Downconverter with Low-Noise Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
AD8335ACPZ-REEL7 AD8335 AD8335ACPZ AD8335ACPZ-REEL |
Quad Low Noise, Low Cost Variable Gain Amplifier
|
AD[Analog Devices]
|
ADR390AUJZ-R2 ADR390AUJZ-REEL7 ADR392AUJZ-R2 ADR39 |
2.048 V Micropower, Low Noise Precision Voltage References with Shutdown 4.096 V Micropower, Low Noise Precision Voltage References with Shutdown 2.5V Micropower, Low Noise Precision Voltage References with Shutdown 5.0 V Micropower, Low Noise Precision Voltage References with Shutdown
|
Analog Devices
|
AD8335ACPZ-REEL7 |
Quad Low Noise, Low Cost Variable Gain Amplifier SPECIALTY CONSUMER CIRCUIT, QCC64
|
Analog Devices, Inc.
|
MAX6101 MAX6101EUR-T MAX6102 MAX6102EUR-T MAX6103 |
Low-Cost Micropower Low-Dropout High-Output-Current SOT23 Voltage References Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
NCP3985SN275T1G NCP3985SN18T1G NCP3985SN28T1G NCP3 |
Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
http:// ON Semiconductor
|
|