PART |
Description |
Maker |
74LVX238 74LVX238MTR 74LVX238TTR 74LVX23804 |
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMicroelectronics
|
74LVX238TTR 74LVX238 74LVX238M 74LVX238MTR |
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
MAX4503 MAX4503C_D MAX4503CPA MAX4503CSA MAX4503CU |
Low-Voltage Dual-Supply SPST CMOS Analog Switches Low-Voltage, Dual-Supply, SPST,CMOS Analog Switches Low-Voltage / Dual-Supply / SPST / CMOS Analog Switches SWITCH TACT 6MM RIGHT ANG 250GF Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP8 Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO5 Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 低电压,双电源,聚苯乙烯,CMOS模拟开 Interface IC 接口IC Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT28LV64B DOC233 AT28LV64B-20JC AT28LV64B-20TC AT2 |
64K (8K x 8) Low Voltage CMOS From old datasheet system 64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
|
ATMEL[ATMEL Corporation]
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
74VCX162240 74VCX162240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in Outputs 低电6位反向缓冲器/线,.6V耐压输入和输出和26ヘ系列中的输出电阻驱动程
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TS9001ACX5 TS9001SCX5 TS9001 TS9001DCX5 TS9001KCX5 |
Analog IC: Low Drop Out Voltage Regulators 300mA CMOS Low Dropout Voltage Regulator with Enable
|
TSC[Taiwan Semiconductor Company, Ltd]
|