PART |
Description |
Maker |
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MC33269ST MC33269ST-12 MC33269ST-3.3 MC33269ST-5.0 |
800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO4 800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSFM3
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
KIA78DL05PI KIA78DL15PI KIA78DL06PI KIA78DL08PI KI |
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR) 0.25A 3-Terminal Low Drop Voltage
|
KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
TA78DL08S TA78DL05S TA78DL06S TA78DL10S |
Three-Terminal Low Dropout Voltage Regulator 8V Three-Terminal Low Dropout Voltage Regulator 5V Three-Terminal Low Dropout Voltage Regulator 6V Three-Terminal Low Dropout Voltage Regulator 10V
|
TOSHIBA
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
SI-3120F SI-3150F SI-3157F |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Linear Regulator IC(15.7V,5脚,多功能低压差线性稳压器芯片) 15.7 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5
|
Sanken Electric Co., Ltd.
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
UPC29M00 UPC29M03HB UPC29M03HF UPC29M03T UPC29M05H |
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
|
NEC[NEC]
|