PART |
Description |
Maker |
MPC7410PEPNS |
MPC7410 Part Number Specifications for the RXxxxPE Series
|
Motorola
|
MPC7410THXLEPNS |
MPC7410 Part Number Specification for the MPC7410THXnnnLE Series
|
Motorola
|
MPC7410PDPNS |
MPC7410 Part Number Specifications for the RXxxxPD Series
|
Motorola
|
MPC7450RXLDPND MPC7450RXLDPNS |
MPC7450 Specification for the XPC7450RXnnnLD Series part number specification pns Part Number Specification for the XPC7450RXnnnLD Series Part Number Specification for the XPC7451RXnnnLD Series
|
Motorola
|
MPC7450RXQXPND MPC7450RXQXPNS |
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series part number specification Part Number Specification for the XPC7450RXnnnQx Series
|
Motorola
|
DW3316-395 |
OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 2 FUNCTIONS, TELECOM FILTER
|
Coilcraft, Inc.
|
1639000000 |
Terminal Block; Pitch Spacing:0.138"; Wire Size (AWG):28-14; Mounting Type:PCB Right Angle Thru Hole; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:1 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
1642890000 |
Terminal Block; Pitch Spacing:0.13"; Mounting Type:PCB Thru Hole; Approval Bodies:UL, CSA, VDE; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:16; Number of Rows:2 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
MPC8240RZUPND MPC8240RZUPNS |
MPC8240 Part Number Specification for the XPC8240RZUnnnx Series Part Number Specification for the XPC8240RZUnnnx Series
|
Motorola
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|