PART |
Description |
Maker |
MB-1 |
Fits SOT-89 amplifier packages
|
List of Unclassifed Manufacturers
|
SML-LX15YYC-RP-TR |
SINGLE COLOR LED, YELLOW, 3 mm LEAD FREE, SOT-23, 3 PIN SOT-23 REPLACEMENT
|
Lumex, Inc. LUMEX INC.
|
PSM-3-500B PSM-3-5B PSM-3-300B PSM-3-1000B PSM-3-6 |
100V Quad N-Channel MOSFET in a 28-pin LCC package; Similar to IRHQ7110 with optional Total Dose Rating of 300kRads PHASE SHIFTERS, MANUAL
|
Merrimac Industries, Inc.
|
BD45281 BD45282 BD45285 BD45231 BD45231G-TR BD4523 |
Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC) Counter Timer Built-in CMOS Voltage Detector IC Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
|
Rohm
|
ADT6401 ADT6402 |
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switch in SOT-23 (Open Drain Output) Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23 (Push-Pull Output)
|
Analog Devices
|
ADG3231BRYZ-REEL7 ADG3231BRJZ-REEL7 |
SPECIALTY INTERFACE CIRCUIT, PDSO6 1.65 X 1.66 MM, 0.57 MM HEIGHT, LEAD FREE, SOT-66, 6 PIN Single-Channel Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AM29F200BB-45EC AM29F200BB-120FC AM29F200BB-70FC A |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44VZL with Lead-Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU1010Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRL2910 in lead free packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3705N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3205L with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR2307Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7807ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF530NS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF530NS with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB61N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Lead-Free packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL33N15D with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3717 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7463 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2705 with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7457 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a 7-Lead TO-262 package; Similar to IRF1405ZL-7P with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7811WCPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N20D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7834 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR4105Z with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3714 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF8010S with Lead-Free packaging. 100V Single N-Channel Automotive HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3710Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3205PBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710Z with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL17N20D with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL23N15D with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
SIP825ZEUDT-TR1 SIP825ZEU SIP825YEUDT-TR1 SIP825YE |
5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset 5引脚复位和看门狗定时器和手动复位电路 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 SOT-23, 5 PIN
|
Vishay Intertechnology, Inc. Vishay Beyschlag Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
EZ55Z3L-SADJTR EZ55Z3L-S3.3TR EZ55Z3L-S3.3.TR |
1.25 V-24 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO4 SOT-223, 4 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO4 SOT-223, 4 PIN 3.3 V FIXED POSITIVE REGULATOR, PDSO4 SOT-223, 4 PIN
|
Semtech, Corp.
|
TC1219 TC1219ECH TC1220ECH TC1220 TC1219ECHTR TC12 |
The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input ... The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 2.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequenc (TC1220) Switched Capacitor Voltage Converters with Shutdown in SOT Packages (TC1219) Switched Capacitor Voltage Converters with Shutdown in SOT Packages Switched Capacitor Voltage Converters with Shutdown in SOT Packages 开关电容电压转换器与关机采用SOT封装
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|