PART |
Description |
Maker |
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
MAX604 MAX604CPA MAX604CSA MAX604EPA MAX604ESA MAX |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.82 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Gates 20-LCCC -55 to 125 5V/3.3V or Adjustable Low-Dropout Low IQ 500mA Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
CS5204-1GDP3 CS5204-1GDPR3 CS5204-3GDP3 CS5204-3GD |
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 4.0可调,和3.3 V5.0 V固定线性稳压器 4A Adjustable, and 3.3V and 5V Fixed Linear Regulators
|
ONSEMI[ON Semiconductor]
|
XC6231 |
?V Input, 500mA, High Speed LDO Regulators
|
Torex Semiconductor
|
LT1763CS8-2.5PBF LT1763CS8-2.5TR LT1763CS8-2.5TRPB |
500mA, Low Noise, LDO Micropower Regulators
|
Linear Technology
|
BD70GA5WEFJ-E2 BD33GA5WEFJ-E2 BD00GA5WEFJ CM105B10 |
500mA Variable / Fixed Output LDO Regulators
|
Rohm
|
MAX4837ETT28D1-T MAX4837EUT18D2-T MAX4837ETT18D2-T |
500mA LDO Linear Regulators with Current-Limiting Switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, DSO6 1.8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO6 3 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, DSO6 2.5 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
G9001 |
500mA Low-Dropout Linear Regulators
|
Global Mixed-mode Techn...
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
4016505 4006203 4006202 4006201 4665000 4565000200 |
MITRE JOINT TYPE 2 FOR S40 TEE NUTS N-M6 FOR S30 TEE NUTS N-M5 FOR S30 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100 2M LENGTH S40 CONNECTOR L FOOT M10 S40 CONNECTION FOOT M8 FOOT M12 S80 CONNECTION F40X120 2M LENGTH F100X100 CON. PLATE M12 TEE NUTS F-M4 FOR S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FR30接线 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100脚节能。板头M8 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 脚连接板M10驱 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 尖括 S30 BASE ANGLE FOR S40 底角的S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 一S80最适合切割成一定长 F40G CUT TO LENGTH F40G切成需要的长度
|
TE Connectivity, Ltd. Amphenol, Corp. Henkel Corporation / Loctite NXP Semiconductors N.V. Glenair, Inc. Avago Technologies, Ltd. Harwin PLC
|
|