PART |
Description |
Maker |
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3403LG LTS3403LG |
SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
|
???绉???′唤?????? 光宝科技股份有限公司 LITE-ON Electronics LITEON[Lite-On Technology Corporation]
|
LTS-3403LY LTS3403LY LITE-ONELECTRONICSINC-LTS-340 |
The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3401LE LTS3401LE |
The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-312AG |
The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
LTS-4301G LTS4301G |
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY From old datasheet system
|
???绉???′唤?????? LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司
|
LTS-4301E |
0.4 inch (10.0mm) digit height single digit, seven-segment display
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
LTS-547AG |
0.52 inch (13.2mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
FYE-800BZX-00 FYE-800BZX-01 |
8.00 Inch (203.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYE-1000BZX-00 FYE-1000BZX-01 |
10.00 Inch (254.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYT-2431AX-30 FYT-2431AX-01 FYT-2431AX-24 FYT-2431 |
0.24 Inch (6.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-18011EX-10 FYS-18011FX-21 |
1.80 Inch (45.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|