PART |
Description |
Maker |
MAN6160E MAN6180E MAN6480E MAN6460E MAN6980E MAN69 |
Green 0.560 inch Single digit stick display, common anode 0.56 INCH (14.2MM) SINGLE DIGIT STICK DISPLAY 0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
|
FAIRCHILD[Fairchild Semiconductor]
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-4301G LTS4301G |
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY From old datasheet system
|
???绉???′唤?????? LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司
|
LTS2301AWC LTS-2301AWC |
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
LTS-3403LY LTS3403LY LITE-ONELECTRONICSINC-LTS-340 |
The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LE LTS3403LE |
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation] LITE-ON Electronics
|
FYS-70011AX-00 FYS-70011AX-24 FYS-70011AX-03 FYS-7 |
7.00 Inch (180.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-18011GX-00 FYS-18011GXX-00 FYS-18011GXX-03 FYS |
1.80 Inch (45.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-4011BX-10 FYS-4011BX-14 FYS-4011BX-30 FYS-4011 |
0.40 Inch (10.16mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5011BX-04 |
0.50 Inch (12.70mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3015BX-02 FYS-3015BX-00 FYS-3015AX-00 FYS-3015 |
0.30 Inch (7.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5615BX-00 FYS-5615AX-02 FYS-5615AX-00 |
0.56 Inch (14.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|