PART |
Description |
Maker |
BT136X BT136X-500 BT136X-500F BT136X-500G BT136X-6 |
DIODE, SMD, SHOTTKY, 20V, 3A, RECTIFIER SCHOTTKY SINGLE 3A 20V 125A-Ifsm 0.5Vf 0.5A-IR SMB 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 100A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 125A-Ifsm 0.5Vf 0.5A-IR SMB 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 125A-Ifsm 0.5Vf 0.5A-IR SMC 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 40V 125A-Ifsm 0.5Vf 0.5A-IR SMC 3K/REEL Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
MIC38HC42 MIC38HC42-1BM MIC38HC42-1BN MIC38HC42BM |
BiCMOS 1A Current-Mode PWM Controllers 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 DIODE SCHOTTKY 1A 200V PWRDI 123 RECTIFIER SCHOTTKY SINGLE 1A 150V 50A-Ifsm 0.82Vf 0.002A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 100V 40A-Ifsm 0.77Vf 0.001A-IR PowerDI-123 3K/REEL
|
MICREL INC Maxim Integrated Products, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
CSHD5-25L |
SCHOTTKY RECTIFIER SINGLE, 5.0 AMPS, 25 VOLTS LOW FORWARD VOLTAGE DROP 5 A, 25 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp.
|
CMSH3-100 |
SMD Schottky Rectifier Single
|
Central Semiconductor
|
CSHD3-60 |
SCHOTTKY RECTIFIER SINGLE, 3.0 AMPS, 60 VOLTS
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SBJ1820 SBJ1830 SBJ1845 SBJ1840 |
Schottky Barrier Rectifier Diodes - Single Diode
|
Diotec Semiconductor
|
1N6843 |
Schottky Rectifier 100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
|
Microsemi Corporation
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
CRSH1 CRSH1-10 CRSH1-2 CRSH1-3 CRSH1-4 CRSH1-5 CRS |
SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS Leaded Rectifier Schottky
|
Central Semiconductor C... Central Semiconductor Corp
|