PART |
Description |
Maker |
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|
LM6171 LM6171AIN LM6171BIN LM6171BIM LM6171AIM LM6 |
High Speed Low Power Low Distortion Voltage Feedback Amplifier
|
http://
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
HSMP-3810 HSMP-3814 DEMO-HSMP38-XX HSMP-481B |
Surface Mount RF PIN Low Distortion Attenuator Diodes(表贴型射PIN 低衰减失真二极管) 演示电路 Low Distortion Pin Attenuator Diode
|
AGILENT
|
AD8351-EVAL AD8351ARM AD8351ARM-REEL7 AD8351ARMZ |
Low Distortion Differential RF/IF Amplifier SPECIALTY CONSUMER CIRCUIT, PDSO10 Low Distortion Fully Differential RF / IF Amplifier
|
Analog Devices, Inc.
|
ADA4841-1 |
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
|
AD
|
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD800703 AD8008 AD8007AKS-R2 AD8008AR AD8008AR-REE |
Low Distortion, High Speed Amp Single Low Distortion High Speed Amp Ultralow Distortion High Speed Amplifiers
|
Analog Devices
|
EFA120D-SOT89 |
Low Distortion GaAs Power FET
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Excelics Semiconductor
|