PART |
Description |
Maker |
2N5401G |
High Voltage Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
FMMT2907R FMMT2907A FMMT2907AR FMMT2907 MT2907AR |
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC Zetex Semiconductor PLC ETC Zetex Semiconductors DIODES INC
|
2N4854U 2N4854 2N3838 JAN2N3838 JAN2N4854 JAN2N485 |
NPN PNP Complimentary; Package: 6_PIN_Flatpack; 600 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
KTA1267-Y KTA1267-GR KTA1267-O KTA1267-GR-BP |
PNP General Purpose Application 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
MMBT4403G-AL3-R MMBT4403L-AE3-R MMBT4403L-AL3-R MM |
PNP GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
MPS4354 CSA1266GR BC558 |
500 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
KSA910YSHTA |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 50 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
NTE2407 |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Transistor General Purpose Amp, Surface Mount (Compl to NTE2406)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
FMMT2907RTA |
600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
2N4402TFR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMBT1015-GR-AN3-R MMBT1015-GR-AL3-R MMBT1015-BL-AN |
LOW FREQUENCY PNP AMPLIFIER TRANSISTOR 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
|