PART |
Description |
Maker |
PJ4L4008 |
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
|
Pan Jit International Inc.
|
DM74ALS157 DM74ALS157.PDF DM74ALS158 DM74ALS158N D |
Quad 1 of 2 Line Data Selector/Multiplexers From old datasheet system Quad 1-of-2 Line Data Selector/Multiplexer ALS SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDIP16 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SO -40 to 85 ALS SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, INVERTED OUTPUT, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC74HC158AD MC74HC158ADT MC74HC158AN MC74HC158A ON |
Quad 2-Input Data Selector/Multiplexer QUAD 2-INPUT DATA SELECTORS/MULTLPTEXERS From old datasheet system
|
Motorola, Inc ON Semi
|
BUS-63100 |
MIL-STD-1553 DATA BUS SINGLE AND DUAL TRANSCEIVERS
|
DDC
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
MAX9030 MAX9030AUT-T MAX9030AXT-T MAX9030-MAX9034 |
Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125 QUAD COMPARATOR, 5000 uV OFFSET-MAX, PDSO14 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 DUAL COMPARATOR, 5000 uV OFFSET-MAX, PDSO8 Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators COMPARATOR, 5000 uV OFFSET-MAX, PDSO5 From old datasheet system Low-Cost / Ultra-Small / Single/Dual/Quad Single-Supply Comparators Low-Cost Ultra-Small Single/Dual/Quad Single-Supply Comparators "Low-Cost, Ultra-Small, Quad, Single- Supply Comparator in TSSOP" "Low-Cost, Ultra-Small, Dual, Single- Supply Comparator in SOT23" VOLT COMPARATOR,SINGLE,TSOP,6PIN,PLASTIC "Low-Cost, Ultra-Small, Single, Single- Supply Comparator"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
MC10H68006 MC10H680FNR2G MC100H680 MC100H680FN MC1 |
Quad Bus TRS/Rectifier ECL Differential; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 QUAD TTL TO ECL TRANSCEIVER, COMPLEMENTARY OUTPUT, PQCC28 4−Bit Differential ECL Bus to TTL Bus Transceiver
|
ONSEMI[ON Semiconductor]
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
N74F723-1D N74F723-1N N74F725AN 74F723-1 74F723A 7 |
Quad 2-to-1 data selector multiplexer 3-State F/FAST SERIES, QUAD 3 LINE TO 1 LINE MULTIPLEXER, CONFIGURABLE OUTPUT, PDSO24 Quad 2-to-1 data selector multiplexer (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAX4758ETX MAX4758EBX-T MAX4759ETX MAX4758 MAX4759 |
1.8 to 5.5 V, quad DPDT audio/data switche Quad DPDT Audio/Data Switches in UCSP/QFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
HD74HC442 HD74HC443 HC74HC444 |
Quad. Tridirectional Bus Transceiver(with noninverted/inverted 3-state outputs) Quad. Tridirectional Bus Transceivers
|
Hitachi Semiconductor Hitachi,Ltd.
|
74VHCT125 74VHCT125A 74VHCT125AM 74VHCT125AT 5824 |
QUAD BUS BUFFERS 3-STATE QUAD BUS BUFFERS (3-STATE) From old datasheet system QUAD BUS BUFFERS 3-STATE 四总线缓冲器的三
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|