PART |
Description |
Maker |
SBN13002 |
High Voltage Fast-SwitchingNPN Power Transistor
|
http://
|
BUL128 |
HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
|
Tiger Electronic Co.,Ltd
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
APT50GF120JRD |
Fast IGBT & FRED 1200V 75A The Fast IGBT is a new generation of high voltage power IGBTs. The Fast IGBT⑩ is a new generation of high voltage power IGBTs.
|
ADPOW[Advanced Power Technology]
|
SL1000 SL300 SL1200 |
FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS Fast Recovery / Diode Fast Recovery / High Voltage / Miniature Rectifiers
|
Electronic devices inc.
|
F40A F60A |
RECTIFIER, up to 6kV, 100mA, 300ns Fast Recovery Axial Rectifier. 4000 V-6000 V. Io=0.25 A 轴向快速恢复整流4000 V000五,木卫一\u003d 0.25 Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压4000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管)
|
Microsemi, Corp. Semtech Corporation
|
BY359-1500 BY359-1500S |
Damper diode fast/ high-voltage SCREWDRIVER, SENSO PH NO.1 X 80SCREWDRIVER, SENSO PH NO.1 X 80; Tip type:Phillips; Length, blade:80mm; Driver type:Phillips No 1; Handle type:COLOUR CODED; Tip Size:No.1 Damper diode fast, high-voltage
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SDH20F1 SDH40FS SDH30F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 1 A, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
APT50GF60BR |
Fast IGBT 600V 75A The Fast IGBT is a new generation of high voltage power IGBTs.
|
ADPOW[Advanced Power Technology]
|