PART |
Description |
Maker |
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
FDS8936S |
Dual N-Channel Enhancement Mode Field Effect Transistor 5 A, 30 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
SIZ704DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 9.4 A, 30 V, 0.024 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
BSS84DW2 BSS84DW-7-F |
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 130 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
FDC6420 FDC6420C FDC6420CD84Z |
20V N & P-Channel PowerTrench MOSFETs 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
ADG508ABCHIPS ADG508AKRZ ADG509AKPZ ADG509AKRZ ADG |
CMOS 8-Channel Analog Multiplexer; Package: CHIPS OR DIE; No of Pins: -; Temperature Range: Industrial 8-CHANNEL, SGL ENDED MULTIPLEXER, UUC16 CMOS 4-/8-Channel Analog Multiplexers 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC20 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SIZ710DT-T1-GE3 |
N-Channel 20 V (D-S) MOSFETs 16 A, 20 V, 0.0068 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.73 MM, HALOGEN FREE AND ROHS COMPLIANT, LEADLESS, POWERPAIR, 6 PIN
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
SIZ790DT-T1-GE3 |
Dual N-Channel 30 V (D-S) MOSFETs with Schottky Diode 16 A, 30 V, 0.0093 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR, 6 PIN
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
|