PART |
Description |
Maker |
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LT1765 LT1765-1.8 LT1765-2.5 LT1765-3.3 LT1765-5 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Monolithic 3A/ 1.25MHz Step-Down Switching Regulator Monolithic 3A, 1.25MHz Step-Down Switching Regulator
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1961 |
1.25MHz, 1.5A, Step-Up Switching Regulator
|
Linear
|
UM3510DA UM3510S |
1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
|
Union Semiconductor, In...
|
SE3806 |
1.25MHz, 600mA Synchronous Step-Down Regulator
|
Seaward Electronics Inc.
|
LTC3410 |
2.25MHz/ 300mA Synchronous Step-Down Regulator
|
Linear Technology
|
BD90535EFJ-CE2 |
2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3410-1.875 LTC3410ESC6-1.875 |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LT1961 LT1961EMS8E LT1961EMS8EPBF LT1961EMS8ETR LT |
1.5A, 1.25MHz Step-Up Switching Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.5A, 1.25MHz Step-Up Switching Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|