PART |
Description |
Maker |
LTC6903LTC6904 |
1kHz - 68MHz Serial Port Programmable Oscillator
|
Linear
|
DS1050 DS1050U-001 DS1050U-005 DS1050U-010 DS1050U |
5 Bit Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz SPECIALTY ANALOG CIRCUIT, PDSO8 240 x 64 pixel format, CFL, LED, or EL Backlight available "10kHz, 5-Bit Programmable Pulse Width Modulator" "?5kHz, 5-Bit Programmable Pulse Width Modulator" "1kHz, 5-Bit Programmable Pulse Width Modulator" "?1kHz, 5-Bit Programmable Pulse Width Modulator" 5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
|
Maxim Integrated Products, Inc. DALLAS[Dallas Semiconductor] Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
TX0129A |
SMD 5.0x3.2 19.68MHz VCTCXO
|
TAI-SAW TECHNOLOGY CO., LTD.
|
24LC41 24LC41-IP 24LC41-P |
1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K 2.5V的双模式,双端口的I 2 C串行EEPROM 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K 2.5V的双模式,双端口I 2 C串行EEPROM 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K2.5VDualMode/DualPortI2CSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc.
|
MCS7715 MCS7715-EVB MCS7715CQ MCS7715CQ-GR |
USB to Combo Serial & Printer Port USB转串行组 USB to Combo Serial & Printer Port
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
24LC41IP 24LC41P 24LC4104 24LC41 |
1K/4K 2.5V Dual Mode, Dual Port I2C⑩ Serial EEPROM 1K/4K 2.5V Dual Mode, Dual Port I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
MAX3185 MAX3185CAP MAX3185CWP MAX3185EAP MAX3185EW |
±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs ±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones(3V, ±15kV ESD保护,自动关断,用于PDA和蜂窝式手机的RS-232收发器(5发))
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1799 LTC1799IS5 LTC1799CS5 |
1kHz to 33MHz Resistor Set SOT-23 Oscillator
|
Linear Technology
|
PRC15-1Q |
88 ± 2dB S.P.L.60mv(IEC318)at 1KHZ 0dB=2x10-5Pa 88 【 2dB S.P.L.60mv(IEC318)at 1KHZ 0dB=2x10-5Pa
|
DB Lectro Inc
|