PART |
Description |
Maker |
AFL5005DW-CH AFL5005DW-ES AFL5005DW-HB AFL5005DX-C |
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Hi-Rel DC-DC Standard Single Converter in a AFL package Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual Serial 12-Bit Multiplying DAC; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Triple Supply Monitor for PCI Applications; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DC至DC转换 DC to DC Converter DC至DC转换 Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C DC至DC转换 SIM Power Supplyand Level Translator DC至DC转换
|
http:// IRF[International Rectifier] HIROSE ELECTRIC Co., Ltd. International Rectifier, Corp. Amphenol, Corp.
|
LTC1555LEGNPBF |
SIM Power Supply and Level Translator
|
Linear Technology
|
FXLP4555 FXLP4555MPX |
1.8V / 3.0V SIM Card Power Supply and Level Shifter
|
Fairchild Semiconductor
|
NCN4557MTG NCN4557MTR2G NCN4557 |
1.8 V / 3.0 V Dual SIM / SAM / Smart Card Power Supply And Level Shifter 1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
|
ONSEMI[ON Semiconductor]
|
045036006200862 04-5036-006-201-862 |
CONN SIM CARD 13.52MM W/BOSS PCB CONNECTOR SIM Card Connector
|
AVX, Corp. AVX Corporation
|
TDA8003TS TDA8003TS/C1 TDA8003TS/C2 TDA8003 |
I2C-bus SIM card interface SPECIALTY TELECOM CIRCUIT, PDSO24 I²C-bus SIM card interface
|
NXP Semiconductors N.V. Philips
|
FSA25670711 |
Low-Power, Dual SIM Card Analog Switch
|
Fairchild Semiconductor
|
LTC4557 LTC4557EUD LTC4557-15 |
Dual SIM/Smart Card Power Supply and Interface
|
Linear Technology
|
0496191611 |
1.10mm/1.27mm Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse Mount with Detect Switch, and 8-Pin SIM, Normal Mount, Right Entry Type
|
Molex Electronics Ltd.
|
2N6576 2N6578 2N6577 |
15 AMPERE NPN DARLINGTON POWER TRAN 15-Ampere NPN Darlington Power Transistors
|
GE Security, Inc. GE[General Semiconductor] List of Unclassifed Manufacturers
|
2N7632UC IRHLUC7630Z4 IRHLUC7670Z4 IRHLUC7670Z4-15 |
RADIATION HARDENED60V, Combination 1N-1P-CHANNELLOGIC LEVEL POWER MOSFET RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT Simple Drive Requirements
|
International Rectifier
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
Maxim Integrated Products
|