PART |
Description |
Maker |
AM29C921PC AM29C921/BLA AM29C923/BLA |
600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-254AA package; A HFA35HB60C with Standard Packaging 10位D型触发器 10-Bit D-Type Flip-Flop 10位D型触发器 9-Bit D-Type Flip-Flop 9位D型触发器
|
FCI Avago Technologies, Ltd.
|
74ALVCH16374 74ALVCH16374_2 ACH16374DL ACH16374DGG |
2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16浣?竟缂?Е???D瑙?????涓??锛? 2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16位边缘触发的D触发器(三态)) 2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State From old datasheet system 2.5 V / 3.3 V 16-bit edge-triggered D-type flip-flop (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DM74ALS374 DM74ALS374N DM74ALS374SJ DM74ALS374WM D |
Octal 3-STATE D-Type-Edge-Triggered Flip-Flops From old datasheet system 9-Bit Bus-Interface Flip-Flop With 3-State Outputs 24-SOIC -40 to 85 Octal 3-STATE D-Type Edge-Triggered Flip-Flop ALS SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74LVC16374A 74LVC16374ADGG 74LVC16374ADL 74LVCH163 |
16-bit edge triggered D-type flip-flop with 5 V tolerant inputs/outputs (3-State) From old datasheet system 16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC10H131FNG MC10H131FN MC10H13106 MC10H135FNG MC10 |
Dual D Type Master?Slave Flip?Flop Dual D Type Master−Slave Flip−Flop Dual J?K Master?Slave Flip?Flop Universal Hexadecimal Counter Four?Bit Universal Shift Register Quad 2?Input Multiplexer (Non?Inverting) 12?Bit Parity Generator?Checker Binary to 1?8 Decoder (Low) Binary to 1?8 Decoder (High) 8?Line Multiplexer 8?Input Priority Encoder 5?Bit Magnitude Comparator Dual Binary to 1?4?Decoder (High)
|
ONSEMI[ON Semiconductor]
|
74ALVCH162374T 74ALVCH162374 74ALVCH162374TX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VHC273MTC 74VHC273N 74VHC273SJ 74VHC273 74VHC273 |
Octal D-Type Flip-Flop AHC/VHC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NC7SP74K8X NC7SP74L8X NC7SP74 |
TinyLogic ULP D-Type Flip-Flop with Preset and Clear P SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
74VCXH162374 74VCXH162374MTD 74VCXH162374MTX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|