PART |
Description |
Maker |
MM74C89J MM74C89N MM54C89F MM54C89J MM54C89DB MM54 |
Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
|
Rochester Electronics
|
2SC4482 |
Ouputs from a Single Supply; 2:1 Wide Range Voltage Input; 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low profile High-Current Switching Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LM324 |
Wide range of supply voltages
|
Estek Electronics Co. Ltd
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
R1154N027B R1154H048B R1154H109B R1154H057B R1154H |
5.9 V FIXED POSITIVE REGULATOR, PDSO5 150mA Voltage Regulator (Wide Input Voltage Range) 150mA Voltage Regulator (Wide Input Voltage Range)
|
RICOH COMPANY LTD RICOH electronics devices division RICOH electronics devices d... RICOH electronics devic...
|
AD624 AD8556 AD623 AD842012 AD8220 AD8235 AD8221 A |
Wide Supply Range, Micropower, Wide Supply Range, Micropower,
|
Analog Devices
|
TL499ACPS |
<font color=red>[Old version datasheet]</font> WIDE-RANGE POWER-SUPPLY CONTROLLERS
|
TI store
|
R1154N103B R1154N043B R1154N069B H093B |
150mA Voltage Regulator (Wide Input Voltage Range) 150mA的稳压器(宽输入电压范围
|
Ricoh Co., Ltd.
|
R1150H |
VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
|
RICOH electronics devices division
|
R1154H064B R1154H070B R1154H071B R1154H072B R1154H |
150mA Voltage Regulator (Wide Input Voltage Range)
|
RICOH electronics devices division
|
LTC1909-8 LTC1909-8EG |
Wide Operating Range, No R Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
|
Linear Technology
|