PART |
Description |
Maker |
GS881Z36AT-133I GS881Z18AT-250 GS881Z18AT-250I GS8 |
9MB PIPELINED AND FLOW THROUGH SYNCHRONOUS NBT SRAM
|
GSI[GSI Technology]
|
GS880ZV18BT-300 GS880ZV36BT-250 GS880ZV36BT-333 GS |
9Mb Pipelined and Flow Through Synchronous NBT SRAM
|
http://
|
GS880Z18BT-150IV GS880Z32BT-250V |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 7.5 ns, PQFP100 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 32 ZBT SRAM, 5.5 ns, PQFP100
|
GSI Technology, Inc.
|
GS8322Z18B-166I GS8322Z18B-225 GS8322Z18B-225I GS8 |
166MHz 8.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 225MHz 6.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 133MHz 11ns 2M x 18 36Mb NBT pipelined/flow through SRAM 150MHz 10ns 2M x 18 36Mb NBT pipelined/flow through SRAM 200MHz 7.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM
|
GSI Technology
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS8161Z32D-200I GS8161Z32D-166I GS8161Z32D-133I GS |
6.5ns 200MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 7ns 166MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 6ns 225MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 7.5ns 150MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 7ns 166MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 6.5ns 200MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 225MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 7.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 6ns 225MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 6.5ns 200MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
IDT70V9359L9PFI IDT70V9349 IDT70V9349L IDT70V9349L |
8K x 18 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 4K x 18 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 8K X 18 DUAL-PORT SRAM, 15 ns, PQFP100
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IS61NVF25636A-7.5TQ |
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
|
Integrated Silicon Solution, Inc
|
GS8161Z18BT-150I GS8161Z18BGT-150 GS8161Z32BD-150 |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PQFP100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 32 ZBT SRAM, 7.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS8322Z72GC-225V GS8322Z36GB-166V GS8322Z36E-133V |
36Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 72 ZBT SRAM, 7 ns, PBGA209 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA119 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA119 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 7 ns, PBGA119 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 7 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 6.5 ns, PBGA119 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 7 ns, PBGA119 36Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 72 ZBT SRAM, 6.5 ns, PBGA209 36Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 72 ZBT SRAM, 8.5 ns, PBGA209 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA119 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 7.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8 ns, PBGA119 36Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 72 ZBT SRAM, 8 ns, PBGA209 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
|