PART |
Description |
Maker |
BU4021B/BF |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4066BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4584B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4S11 A5800607 |
Standard Logic LSIs > CMOS logic BU4S Series From old datasheet system Single 2-input NAND gate
|
ROHM[Rohm] Rohm CO.,LTD.
|
BU9761FS |
Standard Logic LSIs > Standard analog switch
|
ROHM
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
AS7C1026B AS7C1026B-20TIN AS7C1026B-10JC AS7C1026B |
High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 54K的16 CMOS SRAM 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-PDIP -55 to 125 High Speed CMOS Logic Triple 3-Input AND Gates 14-PDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Analog Devices, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
HD74LV2GT157A HD74LV2GT157AUSE |
2-channle Multiplexer / CMOS Logic Level Shifter Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
Renesas Electronics Corporation
|
HD74LV2GT123A HD74LV2GT123AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Retriggerable Monostable Multivibrator / CMOS Logic Level Shifter
|
RENESAS[Renesas Electronics Corporation]
|
HD74LV2GT00A HD74LV2GT00AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input NAND Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
BL-B3141 BL-B2441 BL-B2141 BL-BX1341 BL-B1121 BL-B |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-TSSOP -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-PDIP -55 to 125 TBF 5C 5#16S PIN SKT RECP High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|