PART |
Description |
Maker |
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
IHB60S4803 IHB60S4805 IHB60S IHB60S2403 IHB60S2405 |
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 60瓦单输出的半DC / DC变换 60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 60 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
AMED250-3.3SZ AMED250-12SZ |
250 watt ac-dc converter 二百五十?瓦特AC - DC转换 250 watt ac-dc converter 二百五十?瓦AC - DC转换
|
Aimtec
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
HL02R05S05 HL02R24S05 HL02R05D15 HL02R05D12 HL02R1 |
2 WATT REGULATED DC/DC CONVERTER 2瓦特稳压DC / DC变换 2 Watts Regulated DC/DC Converter
|
CANDD[C&D Technologies]
|
AMEC40-MAZ1 |
40 Watt | AC-DC Converter
|
AIMTEC
|
AMEOS30-12DMAZ AMEOS30-12SMAZ AMEOS30-15DMAZ AMEOS |
30 Watt | AC/DC Converter
|
AIMTEC
|
AM1L-050909D-NZ AM1L-1203S-NZ AM1L-120505D-NZ AM1L |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM1D0505SNZ AM1D1205SNZ AM1D0515SNZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM14L1205SNZ AM14L0505SNZ AM14L1205SH30NZ AM14L121 |
1/4 Watt | DC-DC Converter
|
AIMTEC
|
AM2LW-4805S-NZ AM2LW-4812D-NZ AM2LW-2403S-NZ AM2LW |
1.5 Watt | DC-DC Converter
|
AIMTEC
|
AM4TW-4805S-VZ AM4TW-4812D-VZ AM4TW-4812DH35-VZ AM |
4 Watt | DC-DC Converter
|
AIMTEC
|