PART |
Description |
Maker |
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
P89LPC914FDH P89LPC912FDH P89LPC912HDH P89LPC912 P |
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
|
NXP Semiconductors
|
AT28LV010 |
1M bit EEPROM with 128-Byte Page & Software Protection, 3.0-Volt
|
Atmel
|
P89LPC906 P89LPC906FD P89LPC907 P89LPC907FD P89LPC |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
|
Philips Semiconductors
|
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
AT28LV010NBSP AT28LV010 |
1M bit EEPROM with 128-Byte Page & Software Protection, 3.0-Volt From old datasheet system
|
Atmel Corp
|
P89LPC912 P89LPC912FDH P89LPC913 P89LPC913FDH P89L |
P89LPC912/913/914; 8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
|
Philips NXP Semiconductors
|
74LVC244AD-T 74LVCH244AD-T 74LVC244ADB-T |
1K 5.0V I2C™ Serial EEPROM, -40C to 85C, 8-MSOP, T/R 2K, 256 X 8 SERIAL EE, -40C to 85C, 8-MSOP, T/R 位非反向缓冲驱动 1K, 128 X 8 SERIAL EE, -40C to 85C, 8-DFN, T/R 位非反向缓冲驱动
|
Maxim Integrated Products, Inc.
|
OPC-S112A-B11L0 |
2K, 128 X 16, SERIAL EE, IND, -40C to 85C, 8-TSSOP, TUBE 电信提供数据通信
|
Orion Fans
|
XR16C850CJ XR16C850_05 XR16C850 XR16C850IJ XR16C85 |
2.97V TO 5.5V UART WITH 128-BYTE FIFO
|
EXAR[Exar Corporation]
|
|