PART |
Description |
Maker |
4280N |
Bantam Miniature Phone Plug
|
Pomona Electronics
|
6484 |
Telecom 5 Way Alligator to Bantam Plug
|
Pomona Electronics
|
4279 |
Bantam Plug Cable Assembly
|
Pomona Electronics
|
5019 |
Cable Assembly - Minigrabber Test Clips To Bantam Plug
|
Pomona Electronics
|
482 |
Phone Plug; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Male; No. of Contacts:3 6.3 MM AUDIO CONNECTOR, PLUG
|
Switchcraft, Inc.
|
1297 MODEL1297 |
BNC (Female) To Standard ??Two Conductor Phone Plug
|
Pomona Electronics
|
3352 3352N-A-60 3352-A-60 |
PJ-051 (WE310) Phone Plug To Alligator Clips
|
Pomona Electronics
|
MICRORAM URAM2H21 URAM2C21 URAM3TS3 URAM2C11 URAM2 |
Output Ripple Attenuation Module Temperature Range:-40 C to 85 C; Capacitance:4700uF RoHS Compliant: Yes O-RING, METALOK BANTAM; Temp, op. max:125(degree C); Temp, op. min:-55(degree C); Series:METALOK BANTAM Output Ripple Attenuation Module 输出纹波衰减模块 Crimp Socket Contact; Wire Size (AWG):28; Contact Size:16; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
VICOR[Vicor Corporation] Vicor, Corp.
|
4993 |
Adapter, Bantam Female To WE310 Male
|
Pomona Electronics
|
4653 4653-0 4653-2 |
Miniature Triple Banana Plug
|
Pomona Electronics
|
MH8841AE MH8841AN |
6V; 10mA; calling number identification circuit. For feature phone, phone set adjunct boxes, FAX machines, telephone answering machines, database query systems
|
Mitel Semiconductor
|