PART |
Description |
Maker |
EF-0772-6B |
Operating Voltage= 115/240 Vac OperatingCurrentMax= 6 amp
|
JMK Inc.
|
FF-1319-13C |
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
|
JMK Inc.
|
1041 |
Operating Voltage = 250/480 Vac Operating Current Max= 80 & 100 amps
|
JMK Inc.
|
HS2264 HS2155 HS2153 HS2265 HS2160 HS2154 HS2261 H |
Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 30; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Contact Mating Area Plating: Gold; Operating Temperature Range (degrees C Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Peripheral IC 外围芯片
|
Thomas
|
TPSBU-60 |
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
|
Total Power Internation...
|
TPIBU-41 |
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
|
Total Power Internation...
|
KK-0851-35 |
Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
|
JMK Inc.
|
E-326A |
E-326A 1 Amp, 115 VAC
|
Tyco Electronics
|
DH-14B-3 |
DH-14B-3 3PDT, 25 Amps,115/200 VAC, 400 Hz
|
Tyco Electronics
|
DH-7BC |
DH-7BC 3PDT, 60 Amps,115/208 VAC, 400 Hz
|
Tyco Electronics
|
QR-50DA |
HARTMAN Aerospace Power Products .25 Amp, 115 VAC
|
MACOM[Tyco Electronics]
|