PART |
Description |
Maker |
TC1187VCT TC1070 TC1070VCT TC1071 TC1071VCT TC1187 |
The TC1070, TC1071, and TC1187 are adjustable LDOs designed to supersede a variety of older (bipolar) voltage regulators. Total supply current is typically 50A at full load, 20 to 60 times lower than in bipolar regulators! The devicesR 50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown (TC1071) Adjustable CMOS LDOs with Shutdown
|
MICROCHIP[Microchip Technology]
|
ECU-V1H103KBV ILC7080AIM5-285 ILC7080AIM5-30 ILC70 |
50/100M SOT-23 CMOS RF LDO REGULATORS 50mA CMOS RF-LDO regulator 100mA CMOS RF-LDO regulator
|
Impala Linear Corporation
|
TC2014_06 TC201406 TC2015-2.7VCTTR TC2015-3.0VCTTR |
50 mA, 100 mA, 150 mA CMOS LDOs with 50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass 2.7 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
MICROCHIP[Microchip Technology]
|
MAX4827ELTT |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in µDFN
|
MAXIM - Dallas Semiconductor
|
MAX4785 MAX4785EXK-T MAX4785EXS-T MAX4786EXS-T MAX |
50mA/100mA Current-Limit Switches SPECIALTY ANALOG CIRCUIT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
P4C116L-35PC P4C116L-35JC P4C116L-35DC P4C116L-35D |
100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 80 Ma Tiny CMOS, w/shutdown, -40C to 125C, 5-SC-70, T/R x8 SRAM x8的SRAM 100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R x8的SRAM 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x8的SRAM
|
Pyramid Semiconductor, Corp. Electronic Theatre Controls, Inc. Analog Devices, Inc.
|
R5324D004A R5324D004B R5324D002A R5324D002B R5324D |
CMOS 3ch-LDOs for RF Unit
|
RICOH electronics devices division
|
R5320G |
CMOS Multi-LDOs for RF Unit
|
RICOH electronics devic...
|
5962-9679801VCA 5962-9679801VIA 5962-9679801VHA 59 |
Analog Comparator 50mA/100mA Current-Limit Switches 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Littelfuse, Inc.
|
TC1185-2.7VCT713 TC1185-3.0VCT713 TC1185-2.8VCT713 |
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass 50毫安00 mA和一百五毫安的CMOS关机和参考绕道低压降稳压
|
Microchip Technology Inc. Microchip Technology, Inc.
|
2N3292 2N4874 2N3307 2N4252 2N5852 2N4253 2N3293 |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 50MA I(C) | TO-72 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 50MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 50MA I(C) | TO-72 晶体管|晶体管|叩| 20V的五(巴西)总裁| 50mA的一(c)|72
|
Integrated Device Technology, Inc.
|