PART |
Description |
Maker |
GS84032T-166 GS84032B-100 GS84032B-166 GS84032B-15 |
128K X 32 CACHE SRAM, 8 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器)) 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
MBM29LV200BC-12PFTN MBM29LV200BC-12PFTR MBM29LV200 |
2M (256K X 8/128K X 16) BIT
|
Fujitsu Component Limited. http://
|
IS25C256 IS25C128 |
(IS25C128 / IS25C256) 128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
MBM29F200BC-70 MBM29F200BC-70PF MBM29F200BC-70PFTN |
FLASH MEMORY 2M (256K x 8/128K x 16) BIT
|
Fujitsu Microelectronics
|
CYD09S72V CYD18S72V |
FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM(FLEx72 3.3V 64K/128K/256K x 72同步双端口RAM)
|
Cypress Semiconductor Corp.
|
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|
MX28F2100B 28F2100B |
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY From old datasheet system
|
Macronix 旺宏
|
IS61NF25618-10BI IS61NF25618-8.5TQ IS61NF25618-8.5 |
128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
|
Integrated Silicon Solution, Inc Integrated Silicon Solu...
|