PART |
Description |
Maker |
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
MAX5152BC/D MAX5153BC/D MAX5153BMJE MAX5152BMJE MA |
CAP .039UF 250V PEN FILM 2416 5% DUAL, SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP16 Low-Power / Dual / 13-Bit Voltage-Output DACs with Configurable Outputs TVS BIDIRECT 600W 170V SMB Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
|
Maxim Integrated Products, Inc.
|
MAX5234 MAX5234AEUB MAX5234BEUB MAX5234-MAX5235 MA |
Single-Supply 3V/5V / Voltage-Output / Dual / Precision 12-Bit DACs Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs SERIAL INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, PDSO10
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD5424 AD5557 AD5557CRU-REEL7 |
(AD5424 - AD5547) High Bandwidth Multiplying DACs Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
|
Analog Devices, Inc.
|
5962-9961201HTC 5962-9961201HTA 5962-9961201HNA 59 |
Positive Adjustable Voltage Regulator Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs 积极可调电压稳压
|
Wickmann by Littelfuse
|
28C17A-25/SO 28C17A-25/J 28C17A-25I/J 28C17A-25I/S |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Octal, Serial, 8-Bit DAC with Output Buffers Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
MAX5236 MAX5237 MAX5236-MAX5237 MAX5237EUB MAX5236 |
"Single-Supply 3V/5V, Voltage- Output, Dual, Precision 10-Bit DACs" Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs 单电3V/5V,电压输出,双路,精0位DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC2612CMS8TRPBF LTC2612CMS8PBF LTC2602IMS8PBF LTC |
Dual 14-Bit Rail-to-Rail DACs in 8-Lead MSOP; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO8 Dual 16-Bit Rail-to-Rail DACs in 8-Lead MSOP; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO8 Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
|
Linear Technology, Corp.
|
MAX5250AEAP MAX7645ACWPT MX566AJN MX565AJN MAX5702 |
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface CMOS 12-Bit Buffered Multiplying DACs PARALLEL, WORD INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP24 PARALLEL, WORD INPUT LOADING, 0.15 us SETTLING TIME, 12-BIT DAC, PDIP24 Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
LTC1454L LTC1454 LTC1454CS LTC1454IS LTC1454LCS 14 |
Dual 12-Bit Rail-to-Rail Micropower DACs DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO16 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 20-LCCC -55 to 125 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
|