PART |
Description |
Maker |
MAX1680 MAX1680ESA MAX1681ESA MAX1681C_D MAX1680C_ |
125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Contact Rating:50mA at 12VDC; Leaded Process Compatible:Yes; Mounting Type:PCB 125mA / Frequency-Selectable / Switched-Capacitor Voltage Converters
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
1241.2858 |
Vandal Resistant Pushbutton Switch; Actuator Diameter:14mm; Circuitry:SPST-NO; Switch Operation:Momentary; Contact Current Max:125mA; Leaded Process Compatible:Yes; Mounting Type: PCB; Switch Function:SPST-NO; External Width:21.5mm
|
SCHURTER INC
|
LTC6244 LTC6244CDD LTC6244CMS8 LTC6244HMS8 LTC6244 |
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
|
Linear Technology
|
BEK060000000 |
FUSE FAST 125MA SHORT UL TE5 FFP1(拧)模压分散染料防尘口
|
Fujitsu, Ltd.
|
SMH4814SR05 SMH4814 SMH4814NCR00 SMH4814NCR01 SMH4 |
Dual Feed Active-ORing Programmable Hot Swap Controller
|
SUMMIT[Summit Microelectronics, Inc.]
|
ACI-C120125-1852 |
I-DRIVE, 15 WATT LED DRIVER (Single Channel 120V, 0-125mA)
|
Applied Concepts Inc.
|
2450-602-Z5U0-472M |
DISCOIDAL FEED-THRU CAPACITOR Solder Mount 1 FUNCTIONS, 250 V, 20 A, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
2482-033-X5P0-501K |
Feed-Thru Capacitor Solder Mount 1 FUNCTIONS, 350 V, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|
2N4118A SST4119 2N4117A 2N4119A PN4117A PN4118A PN |
N-Channel JFETs IC FTDI2232L USB/SERIAL 48-LQFP MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:12V; Case style:SO-8; Current, Id cont:4.8A; Current, Idm pulse:-20A; Power, Pd:1.1W; Resistance, Rds on:0.035R; SMD:1; MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:3.6A; Current, Idm pulse:40A; Power, Pd:1.1W; Resistance, Rds on:0.06R; SMD:1;
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
2499-003-X5S0-102M |
Feed-Thru Capacitor Bushing #12 1 FUNCTIONS, 500 V, 20 A, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|