PART |
Description |
Maker |
FDMC86116LZ |
100V N-Channel Power TrenchMOSFET N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 mΩ
|
Fairchild Semiconductor
|
FDP3682 FDB3682 FDP3682NL |
N-Channel PowerTrench MOSFET 100V/ 32A/ 36m N-Channel PowerTrench MOSFET 100V, 32A, 36mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 32A, 0.036 ohm @ Vgs = 10V, TO-220 Package
|
Fairchild Semiconductor
|
FDS3692 |
Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? N-Channel PowerTrench MOSFET 100V, 45A, 60mohm
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
IRF101 IRF140-143 IRF142 IRF143 IRF541 IRF543 IRF5 |
N-Channel Power MOSFETs/ 27 A/ 60-100V N-Channel Power MOSFETs, 27 A, 60-100V 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Samsung semiconductor Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDMC8296 FDMC829610 |
30V N-Channel Power Trench MOSFET; Package: Power 33 (PQFN); No of Pins: 8; Container: Tape & Reel 12 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power Trench? MOSFET 30V, 18A, 8.0m
|
Fairchild Semiconductor, Corp.
|
FQI44N10 FQB44N10 FQB44N10TM |
100V N-Channel QFET 100V N-Channel MOSFET 43.5 A, 100 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRFG110 JANTX2N7334 JANTX2N7334N JANTXV2N7334 JANT |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 1A I(D) | DIP POWER MOSFET THRU-HOLE (MO-036AB) 100V Quad N-Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
HUF76633S3S HUF76633P3 FN4693 HUF76633P3T |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 38A I(D) | TO-220AB 38A, 100V, 0.036 Ohm, N-Channel, Logic 38A, 100V, 0.036 Ohm, N-Channel, Logic From old datasheet system 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
|