PART |
Description |
Maker |
IRFPE40 IRFPE40PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
|
International Rectifier
|
IRFIBE20G |
800V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A) GT 19C 19#12 SKT RECP BOX
|
IRF[International Rectifier]
|
STB7NC80Z STB7NC80Z-1 STP7NC80ZFP STP7NC80Z STBB7N |
6.5 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL MOSFET New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP4NK80ZFP STP4NK80Z STD4NK80Z 9250 STD4NK80Z-1 |
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET From old datasheet system N-Channle MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3ohm -A TO-220/TO-220FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
FQA8N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
STB4NB80 STB4NB80FP 5976 |
N - CHANNEL 800V - 3 Ohm - 4A - PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道800V3Ω- 4A条,TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STW13NK80Z 9631 |
N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESHPower MOSFET N沟道800V 0.53W -2A47齐纳保护SuperMESH?功率MOSFET N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET From old datasheet system N-CHANNEL 800V 0.53 OHM 12A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STW12NK80Z |
CONNECTOR ACCESSORY N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 800V - 0.65 OHM - 10.5 A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
意法半导 STMicroelectronics ST Microelectronics
|
STD1NB80 6648 STD1NB80T4 |
N-CHANNEL 800V - 16 OHM - 1A - DPAK/IPAK POWERMESH MOSFET N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET N - CHANNEL 800V - 16 - 1A - DPAK/IPAK PowerMESH TM MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STW13NK80Z_05 STW13NK80Z STW13NK80Z06 STW13NK80Z05 |
N-channel 800V - 0.53Ω - 12A - TO-247 Zener-protected SuperMESH?Power MOSFET N-channel 800V - 0.53Ω - 12A - TO-247 Zener-protected SuperMESH Power MOSFET N-channel 800V - 0.53ヘ - 12A - TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
SI4860DY |
N-Channel MOSFET, 30V(D-S) , Reduced Qg, Fast-Switching N沟道MOSFET0V(D-S),Qg,快速开 N-Channel Reduced Qg, Fast Switching MOSFE
|
Vishay Intertechnology, Inc. Vishay Siliconix
|