PART |
Description |
Maker |
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
BC848 BC849 BC846 BC847 BC850 BC848C-MR |
NPN EPITAXIAL SILICON TRANSISTOR NPN Epitaxial Silicon Transistor(NPN硅外延晶体管) 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR BC848C MINIREEL 500PCS 晶体管BC848C MINIREEL 500 NPN Epitaxial Silicon Transistor(NPN纭??寤舵?浣??)
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. Diodes, Inc.
|
BC550C BC549B BC549B-D BC549C BC550B |
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
Low Noise Transistors NPN Silicon(硅NPN低噪声晶体管) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Low Noise Transistor NPN Silicon(30V硅NPN低噪声晶体管) 低噪声晶体管NPN硅(30V的硅npn型低噪声晶体管)
|
ON Semiconductor http://
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
FJPF13007H2TTU FJPF13007TU |
NPN Silicon Transistor 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Transistor; Package: TO-220F; No of Pins: 3; Container: Rail 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FZT1051A |
NPN Low Sat Transistor NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR SOT223 NPN SILICON PLANAR
|
Zetex Semiconductors Diodes Incorporated
|
BU406-X-T3P-T BU406-X-TA3-T BU406-X-TF3-T BU406-A- |
SILICON NPN SWITCHING TRANSISTOR 7 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-220AB SILICON NPN SWITCHING TRANSISTOR 硅NPN开关晶体管
|
UNISONIC TECHNOLOGIES CO LTD UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd. ??『绉???′唤??????
|
BC337BU BC33725TAR BC33740TANL BC33716TAR BC33716T |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Zetex Semiconductor PLC Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
BC637L34Z BC637D26Z |
NPN Epitaxial Silicon Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
CMLM0405 |
MULTI DISCRETE MODULESURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|