PART |
Description |
Maker |
ST72T71N5B1 ST72T71J1B1 |
Leaded Cartridge Fuse; Current Rating:50mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Leaded Cartridge Fuse; Current Rating:312.5mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Length:8.89mm; Series:273 RoHS Compliant: NA 8位微控制
|
Intersil, Corp.
|
STD4NA40 STD4NA40-T4 STD4NA40-1 |
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-251
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STD4 STD2 |
:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes ELECTRIC FUSE, 2A, 240VAC, 33000A (IR), INLINE/HOLDER Leaded Cartridge Fuse; Current Rating:2.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
BC859C BC860B BC860C BC859 BC859_860_4 BC860 BC859 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 From old datasheet system PNP general purpose transistors Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes FUSE, SLO-BLO, .25A,250V,5X20MM TRANSISTOR SOT-323
|
NXP Semiconductors Philips Semiconductors
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
S506-3.15-R S500-100-R COOPERINDUSTRIES-S506-V-630 |
FUSE, ANTISURGE 3.15A TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER FUSE, QUICK BLOW 10 Cartridge Fuse; Current Rating:3.15A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S500 FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 35A (IR), THROUGH HOLE Cartridge Fuse; Current Rating:6.3A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S500 Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S506
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
215025 215.500XE 0215002.H- 215002.XE 0215002.H-ND |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) Axial Lead and Cartridge Fuses - Designed to IEC Standard Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
F0402G0R15FNTR F0402G0R10FNTR F0402G0R20FNTR F0402 |
ELECTRIC FUSE, 0.15A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.1A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.2A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.075A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.125A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.062A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.05A, 32VAC, 32VDC, SURFACE MOUNT PC Board Fuse; Current Rating:0.25A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No PC Board Fuse; Current Rating:2A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No
|
AVX, Corp. AVX CORP
|