PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1864 0174 |
PNP Epitaxial Planar Silicon Transistor Muting Circuits, Driver Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1765 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
MMBTH10 MMBTSA1037 MMBTSA1162 MMBTSA1182 1SS390 MM |
NPN Silicon VHF/UHF Transistor PNP Silicon Epitaxial Planar Transistor SILICON EPITAXIAL PLANAR DIODE NPN Silicon Epitaxial Planar Transistors SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE PNP SILICON EPITAXIAL POWER TRANSISTOR BAND SWITCHING DIODE SILICON EPITAXIAL PLANAR SWITCHING DIODE SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
|
SEMTECH ELECTRONICS LTD. SEMTECH ELECTRONICS LTD...
|
2SA1969 |
PNP Epitaxial Planar Silicon Transistor High-Frequency Medium-Output Amplifier,Medium-Current Ultrahigh-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
RN4606 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1419 0069 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1417 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1607 2SC4168 |
PNP Epitaxial Planar Silicon Transistors High-Speed Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|